Part Number Hot Search : 
FP6705 F4346 2SK35 500000 NTE1503 PST573 10004 C106M
Product Description
Full Text Search
 

To Download BSFZ68G57 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRODUCT INFORMATION
(R)
APPLICATIONS: * Satellite receiver * Data receiver
RF Components Group
BSFZ-Series I/Q Output Satellite Tuners
FEATURES
* * * * * * * * * First LO PLL tuning Low noise figure, 8 dB typical (model dependent) 65 dB typical AGC range Conversion gain range 45 dB typical Low phase noise Input range: 950 - 2,050 MHz Maximum input level: -25 dBm Input and output impedance: 75 30 MHz I/Q output low pass filter, typical
STANDARD BSFZ PACKAGE
RF13-1
DESCRIPTION
The BSFZ-series tuners are designed for reception of modulated digital data streams. These tuners can be used for reception of digital video and data streams. The first Local Oscillator is Phase-Locked Loop tuned using a 3-wire or I2C-bus serial data bus. The second Local Oscillator in the I/Q Demodulator is controlled by a SAW resonator or an analog voltage depending on model. A prescaler is provided on the I/Q conversion oscillator output in some models for complete control of the conversion process. The power supply is 5 V and 29 V.
PRODUCT INFORMATION
(R)
MODEL SELECTION GUIDE
Model BSFZ68G57 BSFZ68G58 BSFZ68G61 BSFZ68G62 BSFZ68G63 BSFZ68G64 BSFZ68G65 BSFZ68G66 BSFZ68G67 BSFZ68G72 Ba n d p a s s F i l t e r (M H z ) 36 36 36 36 27/54 27/36 27/36 7.8 7.8 36 I /Q C o n v e r s i o n Control SAW Stabilized SAW Stabilized SAW Stabilized SAW Stabilized SAW Stabilized SAW Stabilized SAW Stabilized SAW Stabilized SAW Stabilized SAW Stabilized P a ck a g e S t y l e Standup Laydown Standup Laydown Laydown Standup Laydown Standup Laydown PCI Compatible Laydown PLL I2C I2C 3-wire 3-wire 3-wire 3-wire 3-wire 3-wire 3-wire I2C
SHARP Microelectronics of the Americas Regional Sales Offices
North American Headquarters
Camas, WA Ph (360) 834-2500 Fax (360) 834-8903
West
Irvine, CA Ph (714) 250-0225 Fax (714) 250-0438 San Jose, CA Ph (408) 436-4900 Fax (408) 436-0924
Central
Romeoville, IL Ph (708) 226-2400 Fax (708) 759-8572 Auburn Hills, MI Ph (810) 377-9220 Fax (810) 377-9222 Austin, TX Ph (512) 349-7262 Fax (512) 349-7002 DFW Airport, TX Ph (214) 574-5205 Fax (214) 456-0360 Houston, TX Ph (713) 955-9909 Fax (713) 955-9910
Windows(R) software for tuning the 3-wire PLLs in the above listed models in a laboratory or test environment is available upon request.
East
Burlington, MA Ph (617) 270-7979 Fax (617) 229-9117 Annadale, NJ Ph (908) 713-0505 Fax (908) 713-0566 Durham, NC Ph (919) 941-0065 Fax (919) 941-0066
BASIC BLOCK DIAGRAM
RF INPUT AGC FILTER BANDPASS FILTER AND AMPLIFIER LPF FILTER I
Distributors
LPF FILTER Q
Future Electronics
Canada Ph (514) 694-7710 Fax (514) 695-3707
LNB POWER
AGC CONTROL
PRESCALER AGC AFC REFERENCE PLL AFC AND PSC NOT INCLUDED IN ALL MODELS SERIAL INPUT
RF13-2
Marshall Industries
El Monte, CA Ph (800) 522-0084 Fax (818) 307-6173 http://www.marshall.com
PSC OUT
Bell-Milgray
Farmindale, NY Ph (800) MILGRAY (645-4729) Fax (516) 293-6465
Reptron
Tampa, FL Ph (800) 659-1361 Fax (813) 854-2351
Sterling Electronics Corp.
Houston, TX Ph (800) 745-5500 Fax (713) 629-3939
FastFax Service: 1-800-833-9437 Product Information: 1-800-642-0261 World Wide Website: http://www.sharpsma.com
Copyright (c)1999, Sharp Microelectronics of the Americas. All rights reserved. All tradenames are the registered property of their respective owners. Specifications are subject to change without notice. SMT97004


▲Up To Search▲   

 
Price & Availability of BSFZ68G57

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X